|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
INTEGRATED CIRCUITS DATA SHEET PCF1252-X family Threshold detector and reset generator Product specification Supersedes data of 1996 Jan 23 File under Integrated Circuits, IC11 1998 Apr 16 Philips Semiconductors Product specification Threshold detector and reset generator FEATURES * Very low current consumption, typically 10 A * 10 factory programmed threshold voltages available covering trip voltages from 4.75 to 2.55 V * 50 mV trip point accuracy over full temperature range * Variable RESET delay * RESET pulse polarity selection * Defined outputs at 0.6 V (typ.) * Comparator for second level detection (e.g. overvoltage detection) * Advance warning of power fail * Operating temperature range -40 to +85 C. ORDERING INFORMATION PACKAGE TYPE NUMBER NAME PCF1252-XP(1) PCF1252-XT(1) Note 1. X = 0 to 9; depending on threshold voltage. BLOCK DIAGRAM DIP8 SO8 DESCRIPTION plastic dual in-line package; 8 leads (300 mil) PCF1252-X family GENERAL DESCRIPTION The PCF1252-Xs are low-power CMOS voltage threshold detectors designed especially for supervision of microcontroller/microprocessor systems for detection of power-on/off conditions and generation of a system reset pulse. The PCF1252-X also provides a POWF (power fail) output which is activated at a precise factory-programmed trip point. A system RESET output has a built-in delay with duration determined by an external capacitor (CCT). A second comparator (comparator 2) has been included to enable the possibility of a second monitoring point in the system. VERSION SOT97-1 SOT96-1 plastic small outline package; 8 leads; body width 3.9 mm handbook, full pagewidth VDD 8 COMIN 3 comparator 2 + - comparator 1 + - 5 COMOUT PCF1252-X 7 POWF 1.30 V DELAY 6 RESET 4 VSS 1 CT 2 MGC915 SELECT Fig.1 Block diagram. 1998 Apr 16 2 Philips Semiconductors Product specification Threshold detector and reset generator PINNING SYMBOL CT SELECT COMIN VSS COMOUT RESET POWF VDD PIN 1 2 3 4 5 6 7 8 DESCRIPTION connection for the external capacitor select polarity or external reset input comparator input ground (0 V) comparator output reset output power failure signal output supply voltage handbook, halfpage PCF1252-X family CT SELECT COMIN VSS 1 2 8 VDD 7 POWF RESET COMOUT PCF1252-X 3 4 MGC916 6 5 Fig.2 Pinning diagram. FUNCTIONAL DESCRIPTION (see Fig.1) The PCF1252-X contains: * A precise factory-programmed voltage reference * Two comparators * A delay circuit. The PCF1252-X family is comprised of 10 versions with different factory-programmed voltage trip-points (VTRIP), see Chapter "Characteristics". Supply The supply voltage (VDD) is internally divided before being compared, via comparator 1, with the internal reference voltage. POWF (see Fig.3) The POWF output is: * LOW, if VDD is below VTRIP * HIGH, if VDD is above VTRIP. Power-on reset (SELECT = LOW) As VDD rises past VTRIP, a positive reset pulse is generated at RESET. The duration of the reset pulse (tR) is determined by the value of the external capacitor (CCT; maximum 1 F, see Fig.8) connected to CT. With no external capacitor connected, CCT assumes a minimum value of 100 pF. If SELECT is HIGH, the reset pulse is inverted. Power failure During a power-off condition (VDD < VTRIP), POWF goes LOW. After a time delay (tS), also determined by CCT, RESET goes HIGH. Any POWF assertion (VDD < VTRIP) will result in a subsequent RESET pulse. Voltage trip-point By selecting the voltage trip-point slightly higher than the minimum operating voltage of the microcontroller/microprocessor, there is sufficient time for data storage before the power actually fails. In order to prevent oscillations around the voltage trip-point, a small hysteresis has been included, resulting in a power-on switching point that is higher than the voltage trip-point (minimum of 15 mV). The voltage trip-point refers to the value at which power-off is signalled. COMIN Input to the second comparator (comparator 2). When used in conjunction with an external voltage divider, this allows a second point in the system to be monitored. This input has no built-in hysteresis. When not in use connect to VDD. COMOUT will be LOW or HIGH depending on the voltage at COMIN: * COMOUT = HIGH, if voltage at COMIN is above the switch point VSP (typically 1.30 V). * COMOUT = LOW, if voltage at COMIN is below the switch point VSP (typically 1.30 V). 1998 Apr 16 3 Philips Semiconductors Product specification Threshold detector and reset generator LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VDD VI II IO Ptot Tstg Tamb HANDLING PARAMETER supply voltage input voltage DC clamp-diode current output current total power dissipation storage temperature operating ambient temperature all pins: VI < -0.5 V or VI > VDD + 0.5 V CONDITIONS -0.5 -0.5 - - - -65 -40 MIN. PCF1252-X family MAX. +7.0 VDD + 0.5 20 20 150 +100 +85 V V UNIT mA mA mW C C Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is desirable to take normal handling precautions appropriate to handling MOS devices (see "Handling MOS Devices"). CHARACTERISTICS VDD = 2.4 to 6.0 V; VSS = 0 V; Tamb = -40 to +85 C; (see Fig.3); unless otherwise specified. SYMBOL VDD VTRIP PARAMETER supply voltage Voltage trip-point: PCF1252-0 PCF1252-1 PCF1252-2 PCF1252-3 PCF1252-4 PCF1252-5 PCF1252-6 PCF1252-7 PCF1252-8 PCF1252-9 IDD supply current Tamb = 25 C; VDD = VTRIP + 0.5 V; COMIN = VDD; see Figs. 4 and 5 note 2 Tamb = 25 C; note 1 4.70 4.50 4.20 4.00 3.70 3.50 3.20 3.00 2.70 2.50 - 4.75 4.55 4.25 4.05 3.75 3.55 3.25 3.05 2.75 2.55 10 4.80 4.60 4.30 4.10 3.80 3.60 3.30 3.10 2.80 2.60 15 V V V V V V V V V V A CONDITIONS MIN. 2.4 - TYP. 6.0 MAX. UNIT V VTRIP Vhys voltage trip-point temperature coefficient voltage trip-point hysteresis - 15 100 x 10-6 400 x 10-6 mV/K 30 50 mV 1998 Apr 16 4 Philips Semiconductors Product specification Threshold detector and reset generator PCF1252-X family SYMBOL COMIN VSP VSP SELECT VIL VIH ILI ILI IO PARAMETER CONDITIONS Tamb = 25 C; note 1 note 2 MIN. TYP. MAX. UNIT COMIN switch point COMIN switch point temperature coefficient 1.28 - 1.30 0.1 1.32 0.5 V mV/K LOW level input voltage HIGH level input voltage - 0.7VDD - - - - - - 0.3VDD - -1.0 1.0 - V V A A SELECT and COMIN LOW level leakage input current HIGH level leakage input current POWF, RESET and COMOUT output sink current VO = 0.4 V; VDD = 2.4 V; see Fig.6 VO = 2.0 V; VDD = 2.4 V; see Fig.7 CCT = 1 nF; note 3 CCT = 1 nF; note 3 1 3 mA IO output source current -0.75 -2 - mA tR tS tR/tS Cint Notes reset time save time reset to save time ratio CT internal capacitance 400 40 - - 1000 100 10 100 2000 200 - - s s pF 1. Long time stability of COMIN switch point VSP and voltage trip point VTRIP: within 10 years of continuous operation at VDD(max) and an average operating temperature of 55 C the drift of VSP will not exceed 10 mV. The maximum drift for VTRIP will not exceed (VTRIP(typ)/VSP(typ)) 10 mV. 2. Values given per degree Kelvin; tested on a sample basis. 3. Conformance to these specifications is only guaranteed if the slew rate of VDD is less than 25 V/ms. 1998 Apr 16 5 Philips Semiconductors Product specification Threshold detector and reset generator PCF1252-X family handbook, full pagewidth Vhys supply voltage VTRIP typ. = 0.6 V VDD 0V POWF 0V undefined output reset reset RESET (SELECT = VSS) 0V undefined output tR tS tR MGC917 tR = reset time (duration of reset pulse). tS = save time (time between assertion of POWF and assertion of the reset output). This time can be used for storing of critical data and orderly system shut-down. Vhys = hysteresis voltage (prevents oscillation around VTRIP). Fig.3 Timing diagram. 1998 Apr 16 6 Philips Semiconductors Product specification Threshold detector and reset generator Typical performance characteristics PCF1252-X family handbook, halfpage 14 MGC918 handbook, halfpage 12 MGC919 IDD (A) 12 VTRIP = 2.55 V IDD (A) 8 VTRIP = 2.55 V 4.75 V 10 4.75 V 4 8 6 -40 0 0 40 80 120 Tamb (oC) 0 2 4 6 VDD (V) 8 Fig.4 Supply current as a function of temperature; VDD = 5 V; COMIN = VDD. Fig.5 Supply current as a function of the supply voltage; Tamb = +25 C. handbook, halfpage 40 MGC920 handbook, halfpage 40 MGC921 IO (mA) 30 VDD = 6V IO (mA) 30 VDD = 6 V 20 4.0 V 20 4.0 V 10 2.5 V 10 2.5 V 0 0 2 4 6 VO (V) 8 0 0 2 4 VO (V) 6 Fig.6 Output sink current as a function of the output voltage. Fig.7 Output source current as a function of the output voltage. 1998 Apr 16 7 Philips Semiconductors Product specification Threshold detector and reset generator PCF1252-X family 103 handbook, full pagewidth tR(1) (ms) 102 MGC922 102 tS(2) (ms) 10 10 1 1 10-1 10-1 10-3 10-2 10-1 1 10 10-2 102 103 external capacitor (nF) (1) tR (typ.) = (0.1 + CCT) ms. (2) tS (typ.) = (0.01 + 0.1 CCT) ms. Fig.8 Reset and save times as a function of the external capacitor (CCT). APPLICATION INFORMATION handbook, full pagewidth VDD (+5 V) PCF1252-X COMIN VDD RESET VDD RESET MICROCONTROLLER/ MICROPROCESSOR SELECT VSS CT 1 nF VSS (0 V) VSS MGC923 Fig.9 Typical power-on reset circuit for a microcontroller/microprocessor system; (when not used, COMIN must be connected to VDD). 8 1998 Apr 16 Philips Semiconductors Product specification Threshold detector and reset generator PCF1252-X family handbook, full pagewidth 12 V VOLTAGE REGULATOR 5V 10 F 6 M PCF1252-X COMIN VDD VDD RESET MICROCONTROLLER/ MICROPROCESSOR COMOUT SELECT 1 M VSS RESET CT 1 nF INT VSS addres/data bus R/W VDD VRAM RAM CHIPDECODING LOGIC MGC924 CS VSS Fig.10 Data retention circuit for memory back-up systems. handbook, full pagewidth VDD 10 F VDD external reset input signal (1) SELECT RESET RESET VDD MICROCONTROLLER/ MICROPROCESSOR POWF INT VSS VDD PCF1252-X COMIN VSS CT RAM VSS VSS MGC925 (1) For external reset application, the SELECT input must be debounced. Fig.11 Data retention circuit with external switchable reset for systems with a single voltage supply. 1998 Apr 16 9 Philips Semiconductors Product specification Threshold detector and reset generator PACKAGE OUTLINES DIP8: plastic dual in-line package; 8 leads (300 mil) PCF1252-X family SOT97-1 D seating plane ME A2 A L A1 c Z e b1 wM (e 1) b2 5 MH b 8 pin 1 index E 1 4 0 5 scale 10 mm DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 4.2 0.17 A1 min. 0.51 0.020 A2 max. 3.2 0.13 b 1.73 1.14 0.068 0.045 b1 0.53 0.38 0.021 0.015 b2 1.07 0.89 0.042 0.035 c 0.36 0.23 0.014 0.009 D (1) 9.8 9.2 0.39 0.36 E (1) 6.48 6.20 0.26 0.24 e 2.54 0.10 e1 7.62 0.30 L 3.60 3.05 0.14 0.12 ME 8.25 7.80 0.32 0.31 MH 10.0 8.3 0.39 0.33 w 0.254 0.01 Z (1) max. 1.15 0.045 Note 1. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT97-1 REFERENCES IEC 050G01 JEDEC MO-001AN EIAJ EUROPEAN PROJECTION ISSUE DATE 92-11-17 95-02-04 1998 Apr 16 10 Philips Semiconductors Product specification Threshold detector and reset generator PCF1252-X family SO8: plastic small outline package; 8 leads; body width 3.9 mm SOT96-1 D E A X c y HE vMA Z 8 5 Q A2 A1 pin 1 index Lp 1 e bp 4 wM L detail X (A 3) A 0 2.5 scale 5 mm DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 1.75 A1 0.25 0.10 A2 1.45 1.25 A3 0.25 0.01 bp 0.49 0.36 c 0.25 0.19 D (1) 5.0 4.8 0.20 0.19 E (2) 4.0 3.8 0.16 0.15 e 1.27 HE 6.2 5.8 L 1.05 Lp 1.0 0.4 Q 0.7 0.6 v 0.25 0.01 w 0.25 0.01 y 0.1 Z (1) 0.7 0.3 0.010 0.057 0.069 0.004 0.049 0.019 0.0100 0.014 0.0075 0.244 0.039 0.028 0.050 0.041 0.228 0.016 0.024 0.028 0.004 0.012 8 0o o Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT96-1 REFERENCES IEC 076E03S JEDEC MS-012AA EIAJ EUROPEAN PROJECTION ISSUE DATE 95-02-04 97-05-22 1998 Apr 16 11 Philips Semiconductors Product specification Threshold detector and reset generator SOLDERING Introduction There is no soldering method that is ideal for all IC packages. Wave soldering is often preferred when through-hole and surface mounted components are mixed on one printed-circuit board. However, wave soldering is not always suitable for surface mounted ICs, or for printed-circuits with high population densities. In these situations reflow soldering is often used. This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "Data Handbook IC26; Integrated Circuit Packages" (order code 9398 652 90011). DIP SOLDERING BY DIPPING OR BY WAVE The maximum permissible temperature of the solder is 260 C; solder at this temperature must not be in contact with the joint for more than 5 seconds. The total contact time of successive solder waves must not exceed 5 seconds. The device may be mounted up to the seating plane, but the temperature of the plastic body must not exceed the specified maximum storage temperature (Tstg max). If the printed-circuit board has been pre-heated, forced cooling may be necessary immediately after soldering to keep the temperature within the permissible limit. REPAIRING SOLDERED JOINTS Apply a low voltage soldering iron (less than 24 V) to the lead(s) of the package, below the seating plane or not more than 2 mm above it. If the temperature of the soldering iron bit is less than 300 C it may remain in contact for up to 10 seconds. If the bit temperature is between 300 and 400 C, contact may be up to 5 seconds. SO REFLOW SOLDERING Reflow soldering techniques are suitable for all SO packages. Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. PCF1252-X family Several techniques exist for reflowing; for example, thermal conduction by heated belt. Dwell times vary between 50 and 300 seconds depending on heating method. Typical reflow temperatures range from 215 to 250 C. Preheating is necessary to dry the paste and evaporate the binding agent. Preheating duration: 45 minutes at 45 C. WAVE SOLDERING Wave soldering techniques can be used for all SO packages if the following conditions are observed: * A double-wave (a turbulent wave with high upward pressure followed by a smooth laminar wave) soldering technique should be used. * The longitudinal axis of the package footprint must be parallel to the solder flow. * The package footprint must incorporate solder thieves at the downstream end. During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Maximum permissible solder temperature is 260 C, and maximum duration of package immersion in solder is 10 seconds, if cooled to less than 150 C within 6 seconds. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. REPAIRING SOLDERED JOINTS Fix the component by first soldering two diagonallyopposite end leads. Use only a low voltage soldering iron (less than 24 V) applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C. 1998 Apr 16 12 Philips Semiconductors Product specification Threshold detector and reset generator DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values PCF1252-X family This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications. Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. 1998 Apr 16 13 Philips Semiconductors Product specification Threshold detector and reset generator NOTES PCF1252-X family 1998 Apr 16 14 Philips Semiconductors Product specification Threshold detector and reset generator NOTES PCF1252-X family 1998 Apr 16 15 Philips Semiconductors - a worldwide company Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 160 1010, Fax. +43 160 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 0044 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 3 301 6312, Fax. +34 3 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2865, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777 Internet: http://www.semiconductors.philips.com For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1998 SCA59 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Printed in The Netherlands 295102/1200/03/pp16 Date of release: 1998 Apr 16 Document order number: 9397 750 03645 |
Price & Availability of PCF1252-0 |